Part Number Hot Search : 
24AA025 T1500 628406 300A1 74AUP1G PXA90 MAX505 110AS90
Product Description
Full Text Search
 

To Download 5SB101KT252A67 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CERAMIC CAPACITORS CLASS 5 Series: AC X1, Y1 & Y2 Capacitors
INTRODUCTION
For use in circuits where alternating, pulsating, intermittent and steady high voltage exist.
Standard No. Recognized No. Class/Rated Voltage 125VAC 250VAC 125VAC Y1/X1,250VAC 400VAC 400VAC Y2,250VAC Y2,250VAC Y1/X1, 250VAC Y1/X1, 250VAC Y2,250VAC Y2,250VAC X1, 400VAC X1, 400VAC Y1/X1,250VAC Y1/X1,250VAC Y2,250VAC Y2,250VAC X1, 400VAC Y1/X1,250VAC Y2,250VAC Y2,250VAC Y1/X1,250VAC Y2,250VAC Y2,250VAC Y1/X1,250VAC Y2,250VAC Y2,250VAC Y1/X1,250VAC Approved Monogram Country USA CANADA E 114280 UL 1414 LR 82827 94680 CSA 22.2 N0.0,1 94681 94680 VDE 0560-2 94681 87495 89780 VDE 0565-1 121379 118218 95,7 70531,01 95,7 70743,01 95,6 60037,01 SEV 95,7 70323,02 99,6 60001,01 99,6 60001,02 IEC 384-14 9535018 2nd Edition 9526010 SEMKO EN 132400 9436088 985118/01,02 195704-01 195703-01 FIMKO 12326 304521 304318 DEMKO 308261 P95103317 P95103074 NEMKO P98102923
DIMENSIONS
10mm min
GERMANY
5.0mm max Tmax 0.65 0.06mm lead diameter
SWITZERLAND
SWEDEN
Dmax
F1.0mm
FINLAND
DENMARK
NORWAY
SPECIFICATION
Technical Data Operating Temperature Range Rated Voltage
Dissipation Factor (D, F) Capacitance
Insulation Resistance (IR) Temperature Characteristics
Specification -30C ~ +85C or -30C ~ +125C Applicable Standards Rated Voltage CSA, UL 125VAC CSA, UL, SEMCO, SEV, FIMKO 250VAC NEMKO, DEMKO, VDE(0565-1) SEMKO, SEV, VDE(0560-2) 400VAC tand<2.5%, measured at 1KHz10%, 1.0-5.0Vrms, 25C Y5P, Y5U tand<5.0%, measured at 1KHz10%, 1.0-5.0Vrms, 25C Y5V Range 100pf to 10000pf, measured at 1Khz 10%, 1.0 5.0Vrms, 25C Tolerance K 10% Y5P M 20% Y5P, Y5U, Y5V Z +80, -20% Y5V 10000MW at 500VDC Characteristic Cap Range Temp. Range EIA Code SB 10% max -30 to +85C Y5P SE +22, -55% max -30 to +85C Y5U SF +22, -82% max -30 to +85C Y5V Reference Temperature = 25C
DIMENSIONS (mm): X1/Y2, -30C to +85C
125, 250 & 400VAC RATED 2500VAC test for 1 minute
Part Number 5SB101KT252A67 5SB151KT252A67 5SB221KT252A67 5SB271KT252A67 5SB331KT252A67 5SB391KT252A67 5SB471KT252A67 5SB561KT252A67 5SB681KT252A67 5SB821KT252A67 5SB102KT252A67 5SB152KT252A97 5SB222KT252A97 5SE102MT252A67 5SE152MT252A67 5SE222MT252A67 5SE332MT252A97 5SE472MT252A97 5SF102MT252A67 5SF152MT252A67 5SF222MT252A67 5SF332MT252A97 5SF472MT252A97 5SF682MT252A97 5SF822MT252A97 5SF103MT252A97 Temp. Char. Y5P Y5P Y5P Y5P Y5P Y5P Y5P Y5P Y5P Y5P Y5P Y5P Y5P Y5U Y5U Y5U Y5U Y5U Y5V Y5V Y5V Y5V Y5V Y5V Y5V Y5V Cap. Max. Max Value Diam Thick (pf) (D) (T) 100 7.0 6.5 150 7.0 6.5 220 7.0 6.5 270 7.0 6.5 330 9.0 6.5 390 9.0 6.5 470 9.0 6.5 560 10.0 7.5 680 10.0 7.5 820 12.0 7.5 1000 12.0 7.5 1500 14.0 7.5 2200 15.0 7.5 1000 9.0 6.5 1500 10.0 6.5 2200 12.0 6.5 3300 14.0 7.5 4700 16.0 7.5 1000 8.0 6.5 1500 9.0 6.5 2200 10.0 6.5 3300 13.0 7.5 4700 13.0 7.5 6800 15.0 7.5 8200 17.0 7.5 10000 17.0 7.5 Standard Lead Spacing (F) 6.35 / 7.5 6.35 / 7.5 6.35 / 7.5 6.35 / 7.5 6.35 / 7.5 6.35 / 7.5 6.35 / 7.5 6.35 / 7.5 6.35 / 7.5 6.35 / 7.5 6.35 / 7.5 9.5 9.5 6.35 / 7.5 6.35 / 7.5 6.35 / 7.5 9.5 9.5 6.35 / 7.5 6.35 / 7.5 6.35 / 7.5 9.5 9.5 9.5 9.5 9.5
DIMENSIONS (mm): X1/Y1, -30C to +125C
250 & 400VAC RATED 4000VAC test for 1 minute
Part Number 5SB101KT402A97 5SB151KT402A97 5SB221KT402A97 5SB271KT402A97 5SB331KT402A97 5SB391KT402A97 5SB471KT402A97 5SB561KT402A97 5SB681KT402A97 5SB821KT402A97 5SB102KT402A97 5SB152KT402A97 5SB222KT402A97 5SE102MT402A97 5SE152MT402A97 5SE222MT402A97 5SE332MT402AL7 5SE392MT402A98 5SE472MT402A98 Temp. Char. Y5P Y5P Y5P Y5P Y5P Y5P Y5P Y5P Y5P Y5P Y5P Y5P Y5P Y5U Y5U Y5U Y5U Y5U Y5U Cap. Value (pf) 100 150 220 270 330 390 470 560 680 820 1000 1500 2200 1000 1500 2200 3300 3900 4700 Max. Max Diam Thick (D) (T) 10.0 8.0 10.0 8.0 10.0 8.0 10.0 8.0 10.0 8.0 10.0 8.0 11.0 8.0 13.0 8.0 13.0 8.0 13.0 8.0 14.0 8.0 16.0 8.0 19.0 8.0 10.0 8.0 12.0 8.0 13.0 8.0 15.0 8.0 17.0 8.0 17.0 8.0 Standard Lead Spacing (F) 9.5 9.5 9.5 9.5 9.5 9.5 9.5 9.5 9.5 9.5 9.5 9.5 9.5 9.5 9.5 9.5 9.5 9.5 9.5
Other lead styles are available, see C1BB01 Ceramic Disc Capacitor Packaging & Lead Code
C1BE04 2003.05.08
RFE International * Tel:(949) 833-1988 * Fax:(949) 833-1788 * E-Mail Sales@rfeinc.com


▲Up To Search▲   

 
Price & Availability of 5SB101KT252A67

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X